PART |
Description |
Maker |
FQPF9N90C FQPF9N90CT FQP9N90C |
N-Channel QFETMOSFET 900V, 8A, 1.4 N-Channel QFET MOSFET 900 V, 8.0 A, 1.4 Ohm
|
Fairchild Semiconductor
|
STW5NB90 |
N - CHANNEL 900V - 2.3 Ohm - 5.6A - TO-247 PowerMESH MOSFET N - CHANNEL 900V - 2.3ohm - 5.6A - TO-247 PowerMESH MOSFET
|
SGS Thomson Microelectronics STMicroelectronics
|
W12NK90Z STW12NK90Z |
N-CHANNEL 900V - 0.72 ohm - 11A TO-247 Zener-Protected SuperMESH Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STW15NK90Z |
N-CHANNEL 900V 0.40 OHM 15A TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics
|
FQPF9N90C FQP9N90C |
900V N-Channel Advance Q-FET C-Series 900V N-CHANNEL MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
W15NK90Z STW15NK90Z -W15NK90Z |
N-CHANNEL 900V-0.40ohm-15A TO-247 Zener-Protected SuperMESH MOSFET N-CHANNEL 900V 0.40 OHM 15A TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STF9NK90Z STP9NK90Z STW9NK90Z ST_STP9NK90Z STF9NK9 |
N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 900V 1.1 OHM 8A TO-220 TO-220FP TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESHPower MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FQP2N90 |
900V N-Channel MOSFET 2.2 A, 900 V, 7.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQP5N90 |
900V N-Channel MOSFET 5.4 A, 900 V, 2.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STU8NC90Z STU8NC90ZI |
N-CHANNEL 900V 1.1 OHM 7.6A MAX220 / I-MAX220 ZENER-PROTECTED POWERMESH III MOSFET
|
SGS Thomson Microelectronics
|
IRFAF50 IRFAF50PBF IRFAF50-15 |
Simple Drive Requirements 900V Single N-Channel Hi-Rel MOSFET in a TO-204AA package REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS 6.2 A, 900 V, 1.85 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AA
|
International Rectifier
|